PART |
Description |
Maker |
EM620FU16B EM624FS16AT-10LL EM644FS16AT-10LL EM624 |
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions Inc Emerging Memory & Logic...
|
GM71C18163BT-8 GM71C18163BJ-6 GM71C18163BJ-8 GM71C |
1,048,576 words x 16 bit DRAM, 80ns, low power 1,048,576 words x 16 bit DRAM, 70ns, low power 1,048,576 words x 16 bit DRAM, 60ns, low power x16 EDO Page Mode DRAM x16 EDO公司页面模式的DRAM
|
LG Semiconductor
|
IC62LV1024AL IC62LV1024ALL-45B IC62LV1024ALL-45BI |
70ns; 2.7-3.3V; 128K x 8 low-power and low Vcc CMOS static RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 128K x 8 Ultra Low Power and Low VCC SRAM From old datasheet system 55ns; 2.7-3.3V; 128K x 8 low-power and low Vcc CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
EM641FP16 |
256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions Inc
|
EM640FU16E |
256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions
|
K6F8016R6D K6F8016R6D-F |
512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Samsung Electronic Samsung semiconductor
|
K6F1016U4C-EF70 DS_K6F1016U4C K6F1016U4C-AF55 K6F1 |
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Electronic
|
EM6161FP16CW-45LF EM6161FP8CW-45LF EM6161FS16CW-45 |
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions Inc Emerging Memory & Logic Sol... Emerging Memory & Logic...
|
EM74XXX |
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions
|
EM6320FP16AS-10L EM6320FP16AS-10LF EM6320FP16AS-70 |
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Sol... Emerging Memory & Logic Solutions Inc
|
K6F8016U6D-XF70 K6F8016U6D K6F8016U6D-FF55 K6F8016 |
512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM 12k x16位超低功耗和低电压的CMOS静态RAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
BS616LV2017 BS616LV2017EIP70 BS616LV2017AC BS616LV |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16 FF-SR2 Series, Two-hand Control, 24 Vdc 非常低功电压CMOS SRAM28K的16 LM49370 Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers Marine Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Wide Flood Beam Pattern, 12 Vdc/50 W/4 A, Flush mounting Asynchronous 2M(128Kx16) bits Static RAM
|
Brilliance Semiconducto... Honeywell International, Inc. BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|